PART |
Description |
Maker |
CDEP134-1R2MB CDEP134-1R8MB CDEP134-1R6NC CDEP134- |
POWER INDUCTORS (SMD Type) 1 ELEMENT, 2.7 uH, GENERAL PURPOSE INDUCTOR, SMD POWER INDUCTORS (SMD Type) 功率电感(贴片式 POWER INDUCTORS (SMD Type) 1 ELEMENT, 0.9 uH, GENERAL PURPOSE INDUCTOR, SMD POWER INDUCTORS (SMD Type) 1 ELEMENT, 0.3 uH, GENERAL PURPOSE INDUCTOR, SMD POWER INDUCTORS (SMD Type) 1 ELEMENT, 0.4 uH, GENERAL PURPOSE INDUCTOR, SMD POWER INDUCTORS (SMD Type) 1 ELEMENT, 3.6 uH, GENERAL PURPOSE INDUCTOR, SMD POWER INDUCTORS (SMD Type) 1 ELEMENT, 4.8 uH, GENERAL PURPOSE INDUCTOR, SMD
|
SUMIDA CORPORATION. Sumida, Corp.
|
CDRH104RNP-180NC CDRH104RNP-180NB CDRH104RNP-120NB |
POWER INDUCTORS (SMD Type) 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR, SMD POWER INDUCTORS (SMD Type) 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR, SMD POWER INDUCTORS (SMD Type) 1 ELEMENT, 22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD POWER INDUCTORS (SMD Type) 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD POWER INDUCTORS (SMD Type) 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR, SMD
|
Sumida, Corp.
|
CDEP145-8R0NC-H CDEP134 CDEP134-0R3MB CDEP134-0R3M |
POWER INDUCTORS <SMD Type> POWER INDUCTORS POWER INDUCTORS Type
|
SUMIDA[Sumida Corporation] http://
|
CR43NP-1R8MB CR43NP-1R8MC CR43NP-1R4MB CR43NP-1R4M |
POWER INDUCTORS <SMD Type: CR Series POWER INDUCTORS POWER INDUCTORS Type: CR Series
|
Sumida Corporation
|
CM453232-390JL CM453232-R15KL CM453232-4R7JL CM252 |
Unshielded Surface Mount Inductors 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 0.15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 4.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 0.68 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 1.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 0.82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 0.12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Inductor Type:Standard; Inductance:560uH; Inductance Tolerance: 5 %; Current Rating:50A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
CR32 |
POWER INDUCTORS (SMD Type)
|
SUMIDA[Sumida Corporation]
|
CMD6D11B CMD5D11 CMD5D13 |
POWER INDUCTORS
|
SUMIDA[Sumida Corporation]
|
CDEP105 CDEP105S CDEP105-0R1B-32 CDEP105-0R1B-50 C |
POWER INDUCTORS (SMD Type)
|
SUMIDA[Sumida Corporation]
|
CDR6D23MN |
POWER INDUCTORS (SMD Type)
|
Sumida Corporation
|
CEI122-100MBH CEI122-100MC CEI122-120MB-H CEI122-1 |
POWER INDUCTORS (SMD Type)
|
SUMIDA[Sumida Corporation]
|
CDRH125 |
POWER INDUCTORS (SMD Type)
|
Sumida Corporation
|
|